Part Number Hot Search : 
A2107M L453ID 61713 MB95390H GL194A MIW2123 A3935 1H470MCL
Product Description
Full Text Search
 

To Download SD-47019-002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/27/2010 please check www.molex.com for latest part information part number: 0470191502 status: active overview: sim__smart_card description: 2.54mm (.100") pitch sim card connector, 6 circuits, housing height 1.50mm (.059"), lead free documents: 3d model product specification ps-47019-001 (pdf) drawing (pdf) rohs certificate of compliance (pdf) general product family memory card sockets series 47019 button type n/a comments housing height: 1.50mm (.059") component type header/socket (host) overview sim__smart_card product name sim type n/a physical card detection switch no circuits (loaded) 6 circuits (maximum) 6 color - resin black durability (mating cycles max) 3,000 ejector button side no ejector button present entry angle 90 angle (side entry), vertical (top entry) keying to mating part none material - metal phosphor bronze material - plating mating gold material - plating termination gold material - resin high temperature thermoplastic pcb locator no pcb mounting side normal pcb retention none packaging type embossed tape on reel pitch - mating interface (in) 0.100 in pitch - mating interface (mm) 2.54 mm pitch - term. interface (in) 0.100 in pitch - term. interface (mm) 2.54 mm plating min: mating (in) 15 plating min: mating (m) 0.38 plating min: termination (in) 2 plating min: termination (m) 0.05 ports 1 temperature range - operating -30c to +85c termination interface: style surface mount electrical current - maximum per contact 0.5a shielded no voltage - maximum 15v dc voltage key n/a solder process data series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status halogen-free need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 47019 series mates with standard sim card use with sim card
duration at max. process temperature (seconds) 10 lead-free process capability reflow capable (smt only) max. cycles at max. process temperature 1 process temperature max. c 250 material info reference - drawing numbers packaging specification pk-47019-001 product specification ps-47019-001 sales drawing SD-47019-002 this document was generated on 05/27/2010 please check www.molex.com for latest part information



▲Up To Search▲   

 
Price & Availability of SD-47019-002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X